Part Number Hot Search : 
CH400DPT 5742EUB PIC18F4 UPD16 064B1 3330DT3 W8511HI GPW576
Product Description
Full Text Search
 

To Download 1N914 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
)HDWXUHV
* * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
1N914(A)(B)
Low Current Leakage Compression Bond Construction Low Cost
500mW 100 Volt Silicon Epitaxial Diodes
DO-35
O
0D[LPXP5DWLQJV
* * *
Operating Temperature: -55 C to +150 C Storage Temperature: -55OC to +150 OC Maximum Thermal Resistance; 300OC/W Junction To Ambient
O
Electrical Characteristics @ 25OC Unless Otherwise Specified
Maximum Repetitive Reverse Voltage Average Rectified Forward Current Power Dissipation Junction Temperature Peak Forward Surge Current VRRM IO PD TJ IFSM 100V 200mA 500mW 150OC 1.0A 4.0A 100V 75V
A D
Minimum Breakdown Voltage Maximum Instantaneous Forward Voltage 1N914 1N914 A 1N914 B 1N914 B Maximum Reverse Current Typical Junction Capacitance Reverse Recovery Time
VR
Pulse Width=1.0 second Pulse Width=1.0 microsecond IR=100uA, IR=5.0uA
O TJ = 25 C IFM = 10mA; IFM = 20mA; IFM = 100mA; IFM = 5.0mA; VR=20V, TJ=25OC, O VR=75V, TJ=25 C, VR=20V, TJ=150 OC Measured at 1.0MHz, VR=0V IF=10mA VR = 6V RL=100 U, Irr=1.0mA
Cathode Mark B D
C
VF
1.0V
IR CJ Trr
720mV 25nA 5.0uA 50uA 4.0pF 4.0nS
DIMENSIONS INCHES MIN ------1.000 MM MIN ------25.40
DIM A B C D
MAX .166 .079 .020 ---
MAX 4.2 2.00 .52 ---
NOTE
*Pulse test: Pulse width 300 usec, Duty cycle 2%
www.mccsemi.com
1N914(A)(B)
Figure 1 Typical Forward Characteristics 20 1N914B 1N914A 10 6 1N914 4 2 MilliAmps 1 .6 .4 .2 25OC .1 .06 .04 .02 .01 .4 .6 .8 1.0 1.2 1.4 0 100 400 300 MilliWatts 200 500 600
MCC
Figure 2 Forward De rating Curve
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100
O
125
150
175
C
Admissable Power Dissipation - MilliWatts versus Ambient Temperature - OC
Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts
Figure 3 Junction Capacitance 10 6 4 2 pF 1 .6 .4 .2 .1 .1 .2 .4 1 2 4 Volts Junction Capacitance - pF versus Reverse Voltage - Volts 10 20 40 100 200 400 1000 TJ =25OC
www.mccsemi.com
1N914(A)(B)
MCC
Figure 4 Typical Reverse Characteristics 1000 600 400 200 100 60 40 20 10 NanoAmp 6 4 2 1 .6 .4 .2 .1 20 40 60 TJ Instantaneous Reverse Leakage Current - NanoAmperes O versus Junction Temperature - C 80 100 120 140 MilliAmps 1200 1000 800 600 400 200 0 1 2 4 6 8 10 20 Cycles Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles 40 60 80 100 Figure 5 Peak Forward Surge Current
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 1N914

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X